PART |
Description |
Maker |
MAX5910 MAX5910ESA MAX5917BESE MAX5917 MAX5917AESE |
65V Simple Swapper Hot-Swap Switches 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 65V Hot Swap Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
MIC2582 MIC2582-JBM MIC2583 MIC2583-JBQS MIC2583-K |
Single Channel Hot Swap Controllers
|
MICREL[Micrel Semiconductor]
|
MBM29F016A-12 MBM29F016A-90PFTR MBM29F016A-12PFTR |
16M (2M X 8) BIT 2.2A, 2.7-5.5V Single Hot-Swap IC Hi-Side MOSFET, Fault Report, Act-High Enable 8-SOIC -40 to 85 1.65A, 2.7-5.5V Single Hot-Swap IC Hi-Side MOSFET, Fault Report, Act-High Enable 8-SOIC -40 to 85
|
Fujitsu Component Limited. Fujitsu Limited
|
MAX15068 |
Dual ORing, Single Hot-Swap Controller
|
Maxim Integrated Products
|
MAX3070E MAX3070EAPD MAX3070EASD MAX3070EEPD MAX30 |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 16Mbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 250kbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full/Half-Duplex RS-485/ RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full-Duplex, 250kbps RS-485/RS-422 Transceivers" 3.3V 15kV ESD-Protected Fail-Safe Hot-Swap RS-485/RS-422 Transceivers 3.3V, 卤15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers 3.3V / 15kV ESD-Protected / Fail-Safe / Hot-Swap / RS-485/RS-422 Transceivers 3.3V, 【15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MB89P637-SH MB89636P-SH MB89636PF MB89636PFM MB896 |
0.22A, 2.7-5.5V Single Hot-Swap IC Hi-Side MOSFET, Fault Report, Act-High Enable 8-SOIC 8-bit Proprietary Microcontroller
|
Fujitsu Limited Fujitsu Component Limited.
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
8396 8397 8095 8395 P8097 P8795 8797 P8396 P8395 P |
IC LOGIC 125 QUICKSWITCH 3.3V QUAD ACTIVE LOW SWITCH FOR HOT SWAP APPLICATIONS 3.3V -40 85C QSOP-16 97/TUBE IC LOGIC 126 QUICKSWITCH PRODUCTS 3.3V QUAD ACTIVE HIGH SWITCH FOR HOT SWAP APPLICATIONS 3.3V -40 85C QSOP-16 97/TUBE COMMERCIAL/EXPRESS HMOS MICROCONTROLLER
|
Intel Corp.
|
MIC2583-KYQS MIC2583R-KYQS MIC2583R-MYQS |
Single-Channel Hot Swap Controllers
|
Micrel Semiconductor
|
ADM1173 |
2.7V to 16.5V Hot Swap Controller
|
Analog Devices
|
LTC1642-15 |
Hot Swap Controller
|
Linear Technology
|